PART |
Description |
Maker |
OPC-YDS4C-A1200 |
Telecomm/Datacomm
|
通信、网络模块及开发工
|
TCMD0110G |
Telecomm/Datacomm
|
Agere
|
3CN00353AA |
Telecomm/Datacomm 电信/数据通信
|
Sony, Corp.
|
QL80FC-APQ208C |
Telecomm/Datacomm 电信/数据通信
|
IDEC, Corp.
|
IXE5416 |
Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
Intel Corp
|
SI-3012-KS |
Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
Silicon Laboratories
|
G65SC51 G65SC51-1 G65SC51-2 G65SC51-3 G65SC51-4 G6 |
CMOS ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER Telecomm/Datacomm Communications Interface 通信接口
|
California Micro Devices Co... CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
LXT970A LXT970AQC LXT970ATC |
Dual-Speed Fast Ethernet Transceiver LAN TRANSCEIVER,SINGLE,CMOS,QFP,64PIN,PLASTIC Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
Intel Corporation Intersil Corp
|
VSC9180 |
VSC9180 Arapahoe - 2.5G SONET/SDH Backplane Transceiver VSC9180 Arapahoe - 2.5G SONET/SDH Backplane Transceiver Telecomm / Datacomm
|
Vitesse Semiconductor Corporation http://
|
MAX3752CCM MAX3752 |
2.125Gbps / 3.3V Quad-Port Bypass with Repeater 2.125Gbps, 3.3V Quad-Port Bypass with Repeater 2.125Gbps 3.3V Quad-Port Bypass with Repeater Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc
|
VSC9186 |
Telecomm / Datacomm VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface
|
Vitesse Semiconductor Corporation http://
|
MCP2120-I MCP2120T-I/SL MCP2120-I/P MCP2120-I/SL |
The MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) optical transceiver The data received from a standard UART is encoded (modulated), and output as elect MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) ... IC,ENCODER/DECODER, TELECOMM/DATACOMM,CMOS,SOP,14PIN,PLASTIC
|
Microchip Technology Inc
|